| 전자부품 데이터시트 검색엔진 |
|
24LC014-I/P 데이터시트(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC014-I/P 데이터시트(HTML) 3 Page - Microchip Technology |
|
3 / 36 page ![]() 2010 Microchip Technology Inc. DS21809G-page 3 24AA014/24LC014 TABLE 1-2: AC CHARACTERISTICS AC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C, VCC = +1.7V to +5.5V Automotive (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V Param. No. Symbol Characteristic Min. Max. Units Conditions 1FCLK Clock frequency — — 100 400 kHz 1.7V VCC < 1.8V 1.8V VCC 5.5V 2THIGH Clock high time 4000 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 3TLOW Clock low time 4700 1300 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 4TR SDA and SCL rise time (Note 1) — — 1000 300 ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 5TF SDA and SCL fall time (Note 1) — — 1000 300 ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 6THD:STA Start condition hold time 4000 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 7TSU:STA Start condition setup time 4700 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 8THD:DAT Data input hold time 0 — ns (Note 2) 9TSU:DAT Data input setup time 250 100 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 10 TSU:STO Stop condition setup time 4000 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 11 TSU:WP WP setup time 4000 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 12 THD:WP WP hold time 4700 600 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 13 TAA Output valid from clock (Note 2) — — 3500 900 ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 14 TBUF Bus free time: Time the bus must be free before a new transmission can start 4700 1300 — — ns 1.7V VCC < 1.8V 1.8V VCC 5.5V 16 TSP Input filter spike suppression (SDA and SCL pins) —50 ns (Note 1 and Note 3) 17 TWC Write cycle time (byte or page) — 5 ms — 18 — Endurance 1M — cycles 25°C, VCC = 5.5V, Block mode (Note 4) Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. 3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com. |