| 전자부품 데이터시트 검색엔진 |
|
PIC16LF720-I/SS 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-I/SS 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 12 2010 Microchip Technology Inc. RB6/SCK/SCL RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. SCK ST CMOS SPI Clock. SCL ST OD I2C™ Clock. RB7/TX/CK RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. RC0/AN4 RC0 ST CMOS General purpose I/O. AN4 AN — A/D Channel 4 Input. RC1/AN5 RC1 ST CMOS General purpose I/O. AN5 AN — A/D Channel 5 Input. RC2/AN6 RC2 ST CMOS General purpose I/O. AN6 AN — A/D Channel 6 Input. RC3/AN7 RC3 ST CMOS General purpose I/O. AN7 AN — A/D Channel 7 Input. RC4 RC4 ST CMOS General purpose I/O. RC5/CCP1 RC5 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM 1. RC6/AN8/SS RC6 ST CMOS General purpose I/O. AN8 AN — A/D Channel 8 Input. SS ST — Slave Select input. RC7/AN9/SDO RC7 ST CMOS General purpose I/O. AN9 AN — A/D Channel 9 Input. SDO — CMOS SPI Data Output. VDD VDD Power — Positive supply. Vss Vss Power — Ground supply. TABLE 1-1: PINOUT DESCRIPTION Name Function IN OUT Description Legend: AN = Analog input or output, CMOS = CMOS compatible input or output, OD = Open Drain, TTL = TTL compatible input, ST = Schmitt Trigger input with CMOS levels, I2C™ = Schmitt Trigger input with I2C, HV = High Voltage, XTAL = Crystal levels |