| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331T-I/P 데이터시트(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331T-I/P 데이터시트(HTML) 51 Page - Microchip Technology |
|
51 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 51 PIC18F2331/2431/4331/4431 5.6 Reset State of Registers Most registers are unaffected by a Reset. Their status is unknown on POR and unchanged by all other Resets. The other registers are forced to a “Reset state” depending on the type of Reset that occurred. Most registers are not affected by a WDT wake-up, since this is viewed as the resumption of normal operation. Status bits from the RCON register (RI, TO, PD, POR and BOR) are set or cleared differently in different Reset situations, as indicated in Table 5-2. These bits are used in software to determine the nature of the Reset. Table 5-3 describes the Reset states for all of the Special Function Registers. These are categorized by Power-on and Brown-out Resets, Master Clear and WDT Resets, and WDT wake-ups. FIGURE 5-3: TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD, VDD RISE < TPWRT) FIGURE 5-4: TIME-OUT SEQUENCE ON POWER-UP (MCLR NOT TIED TO VDD): CASE 1 TPWRT TOST VDD MCLR INTERNAL POR PWRT TIME-OUT OST TIME-OUT INTERNAL RESET TPWRT TOST VDD MCLR INTERNAL POR PWRT TIME-OUT OST TIME-OUT INTERNAL RESET |