| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331T-E/P 데이터시트(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331T-E/P 데이터시트(HTML) 7 Page - Microchip Technology |
|
7 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 7 PIC18F2331/2431/4331/4431 Pin Diagrams (Continued) 44-Pin QFN(2) 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F4331 OSC2/CLKO/RA6 OSC1/CLKI/RA7 VSS AVDD VDD RE2/AN8 RE1/AN7 RE0/AN6 RA5/AN5/LVDIN RA4/AN4/CAP3/QEB RC7/RX/DT/SDO RD4/FLTA(3) RD5/PWM4(4) RD6/PWM6 RD7/PWM7 VSS VDD AVDD RB0/PWM0 RB1/PWM1 RB2/PWM2 PIC18F4431 AVSS Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL. 2: For the QFN package, it is recommended that the bottom pad be connected to VSS. 3: RD4 is the alternate pin for FLTA. 4: RD5 is the alternate pin for PWM4. |