전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331-I/PT 데이터시트(PDF) 13 Page - Microchip Technology

부품명 PIC18LF4331-I/PT
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/PT 데이터시트(HTML) 13 Page - Microchip Technology

Back Button PIC18LF4331-I/PT Datasheet HTML 9Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 10Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 11Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 12Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 13Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 14Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 15Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 16Page - Microchip Technology PIC18LF4331-I/PT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 13
PIC18F2331/2431/4331/4431
1.3
Details on Individual Family
Members
Devices in the PIC18F2331/2431/4331/4431 family are
available in 28-pin (PIC18F2331/2431) and 40/44-pin
(PIC18F4331/4431) packages. The block diagram for
the two groups is shown in Figure 1-1.
The devices are differentiated from each other in three
ways:
1.
Flash
program
memory
(8
Kbytes
for
PIC18F2331/4331 devices, 16 Kbytes for
PIC18F2431/4431).
2.
A/D channels (5 for PIC18F2331/2431 devices,
9 for PIC18F4331/4431 devices).
3.
I/O ports (3 bidirectional ports on PIC18F2331/
2431
devices,
5
bidirectional
ports
on
PIC18F4331/4431 devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F2331/2431/4331/4431 family are available as
both standard and low-voltage devices. Standard
devices with Enhanced Flash memory, designated with
an “F” in the part number (such as PIC18F2331),
accommodate an operating VDD range of 4.2V to 5.5V.
Low-voltage parts, designated by “LF” (such as
PIC18LF2331), function over an extended VDD range
of 2.0V to 5.5V.
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F2331
PIC18F2431
PIC18F4331
PIC18F4431
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
8192
16384
8192
16384
Program Memory (Instructions)
4096
8192
4096
8192
Data Memory (Bytes)
768
768
768
768
Data EEPROM Memory (Bytes)
256
256
256
256
Interrupt Sources
22
22
34
34
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM modules
2
2
2
2
14-Bit Power Control PWM
(6 Channels)
(6 Channels)
(8 Channels)
(8 Channels)
Motion Feedback Module
(Input Capture/Quadrature
Encoder Interface)
1 QEI
or
3x IC
1 QEI
or
3x IC
1 QEI
or
3x IC
1 QEI
or
3x IC
Serial Communications
SSP,
Enhanced USART
SSP,
Enhanced USART
SSP,
Enhanced USART
SSP,
Enhanced USART
10-Bit High-Speed
Analog-to-Digital Converter module
5 Input Channels
5 Input Channels
9 Input Channels
9 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Packages
28-pin SPDIP
28-pin SOIC
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com