전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331-E/PT 데이터시트(PDF) 7 Page - Microchip Technology

부품명 PIC18LF4331-E/PT
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/PT 데이터시트(HTML) 7 Page - Microchip Technology

Back Button PIC18LF4331-E/PT Datasheet HTML 3Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 4Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 5Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 6Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 7Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 8Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 9Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 10Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 7
PIC18F2331/2431/4331/4431
Pin Diagrams (Continued)
44-Pin QFN(2)
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PIC18F4331
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VSS
AVDD
VDD
RE2/AN8
RE1/AN7
RE0/AN6
RA5/AN5/LVDIN
RA4/AN4/CAP3/QEB
RC7/RX/DT/SDO
RD4/FLTA(3)
RD5/PWM4(4)
RD6/PWM6
RD7/PWM7
VSS
VDD
AVDD
RB0/PWM0
RB1/PWM1
RB2/PWM2
PIC18F4431
AVSS
Note 1:
RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin
for SCK/SCL.
2:
For the QFN package, it is recommended that the bottom pad be connected to VSS.
3:
RD4 is the alternate pin for FLTA.
4:
RD5 is the alternate pin for PWM4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More