전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331-I/SP 데이터시트(PDF) 31 Page - Microchip Technology

부품명 PIC18LF4331-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP 데이터시트(HTML) 31 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 27Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 28Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 29Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 30Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 31Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 32Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 33Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 34Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 31
PIC18F2331/2431/4331/4431
3.4
External Clock Input
The EC and ECIO Oscillator modes require an external
clock source to be connected to the OSC1 pin. There is
no oscillator start-up time required after a Power-on
Reset or after an exit from Sleep mode.
In the EC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 3-4 shows the pin connections for the EC
Oscillator mode.
FIGURE 3-4:
EXTERNAL CLOCK INPUT
OPERATION
(EC CONFIGURATION)
The ECIO Oscillator mode functions like the EC mode,
except that the OSC2 pin becomes an additional
general purpose I/O pin. The I/O pin becomes bit 6 of
PORTA (RA6). Figure 3-5 shows the pin connections
for the ECIO Oscillator mode.
FIGURE 3-5:
EXTERNAL CLOCK INPUT
OPERATION
(ECIO CONFIGURATION)
3.5
RC Oscillator
For timing-insensitive applications, the “RC” and “RCIO”
device options offer additional cost savings. The actual
oscillator frequency is a function of several factors:
• Supply voltage
• Values of the external resistor (REXT) and capacitor
(CEXT)
• Operating temperature
Given the same device, operating voltage and tempera-
ture, and component values, there will also be unit-to-unit
frequency variations. These are due to factors, such as:
• Normal manufacturing variation
• Difference in lead frame capacitance between
package types (especially for low CEXT values)
• Variations within the tolerance of limits of REXT
and CEXT
In the RC Oscillator mode (Figure 3-6), the oscillator
frequency divided by 4 is available on the OSC2 pin.
This signal may be used for test purposes or to
synchronize other logic.
FIGURE 3-6:
RC OSCILLATOR MODE
The RCIO Oscillator mode (Figure 3-7) functions like
the RC mode, except that the OSC2 pin becomes an
additional general purpose I/O pin. The I/O pin
becomes bit 6 of PORTA (RA6).
FIGURE 3-7:
RCIO OSCILLATOR MODE
OSC1/CLKI
OSC2/CLKO
FOSC/4
Clock from
Ext. System
PIC18FXXXX
OSC1/CLKI
I/O (OSC2)
RA6
Clock from
Ext. System
PIC18FXXXX
OSC2/CLKO
CEXT
REXT
PIC18FXXXX
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values: 3 k
  REXT  100 k
CEXT > 20 pF
CEXT
REXT
PIC18FXXXX
OSC1
Internal
Clock
VDD
VSS
Recommended values: 3 k
  REXT  100 k
CEXT > 20 pF
I/O (OSC2)
RA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com