전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331-E/P 데이터시트(PDF) 25 Page - Microchip Technology

부품명 PIC18LF4331-E/P
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/P 데이터시트(HTML) 25 Page - Microchip Technology

Back Button PIC18LF4331-E/P Datasheet HTML 21Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 22Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 23Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 24Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 25Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 26Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 27Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 28Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 25
PIC18F2331/2431/4331/4431
2.0
GUIDELINES FOR GETTING
STARTED WITH PIC18F
MICROCONTROLLERS
2.1
Basic Connection Requirements
Getting started with the PIC18F2331/2431/4331/4431
family of 8-bit microcontrollers requires attention to a
minimal set of device pin connections before
proceeding with development.
The following pins must always be connected:
•All VDD and VSS pins
(see Section 2.2 “Power Supply Pins”)
•All AVDD and AVSS pins, regardless of whether or
not the analog device features are used
(see Section 2.2 “Power Supply Pins”)
•MCLR pin
(see Section 2.3 “Master Clear (MCLR) Pin”)
These pins must also be connected if they are being
used in the end application:
• PGC/PGD pins used for In-Circuit Serial
Programming™ (ICSP™) and debugging purposes
(see Section 2.4 “ICSP Pins”)
• OSCI and OSCO pins when an external oscillator
source is used
(see Section 2.5 “External Oscillator Pins”)
Additionally, the following pins may be required:
•VREF+/VREF- pins are used when external voltage
reference for analog modules is implemented
The minimum mandatory connections are shown in
Figure 2-1.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTIONS
Note:
The AVDD and AVSS pins must always be
connected, regardless of whether any of
the analog modules are being used.
PIC18FXXXX
VDD
VSS
VSS
VDD
C1
R1
VDD
MCLR
R2
C2(1)
C3(1)
C4(1)
C5(1)
C6(1)
Key (all values are recommendations):
C1 through C6: 0.1 µF, 20V ceramic
R1: 10 kΩ
R2: 100Ω to 470Ω
Note
1:
The example shown is for a PIC18F device
with five VDD/VSS and AVDD/AVSS pairs.
Other devices may have more or less pairs;
adjust the number of decoupling capacitors
appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com