| 전자부품 데이터시트 검색엔진 |
|
PIC18LF4331-E/P 데이터시트(PDF) 177 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331-E/P 데이터시트(HTML) 177 Page - Microchip Technology |
|
177 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 177 PIC18F2331/2431/4331/4431 FIGURE 18-4: PWM TIME BASE BLOCK DIAGRAM The PWM time base can be configured for four different modes of operation: • Free-Running mode • Single-Shot mode • Continuous Up/Down Count mode • Continuous Up/Down Count mode with interrupts for double updates These four modes are selected by the PTMOD<1:0> bits in the PTCON0 register. The Free-Running mode produces edge-aligned PWM generation. The Continuous Up/Down Count modes produce center-aligned PWM generation. The Single-Shot mode allows the PWM module to support pulse control of certain Electronically Commutated Motors (ECMs) and produces edge-aligned operation. PTMR Register PTPER Comparator PTPER Buffer Comparator Zero Match Period Match PTMOD1 Up/Down Timer Reset FOSC/4 Clock Control Period Load Duty Cycle Load PTMOD1 Period Match Zero Match PTMR Clock Interrupt Control PTMOD1 Period Match Zero Match PTMOD0 PTMOD0 PTEN PTIF PTDIR PTMR Clock Update Disable (UDIS) Timer Direction Control Postscaler 1:1-1:16 Prescaler 1:1, 1:4, 1:16, 1:64 |