전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93C46A-E/MS 데이터시트(PDF) 27 Page - Microchip Technology

부품명 93C46A-E/MS
상세설명  1K Microwire Compatible Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46A-E/MS 데이터시트(HTML) 27 Page - Microchip Technology

Back Button 93C46A-E/MS Datasheet HTML 23Page - Microchip Technology 93C46A-E/MS Datasheet HTML 24Page - Microchip Technology 93C46A-E/MS Datasheet HTML 25Page - Microchip Technology 93C46A-E/MS Datasheet HTML 26Page - Microchip Technology 93C46A-E/MS Datasheet HTML 27Page - Microchip Technology 93C46A-E/MS Datasheet HTML 28Page - Microchip Technology 93C46A-E/MS Datasheet HTML 29Page - Microchip Technology 93C46A-E/MS Datasheet HTML 30Page - Microchip Technology 93C46A-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2010 Microchip Technology Inc.
DS21749H-page 27
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
APPENDIX A: REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision E
Added DFN package.
Revision F
Added notes throughout.
Revision G (5/2008)
Revised Figures 2-1 through 2-4 and Figures 2-8
through 2-11; Revised Package Marking Information;
Replaced Package Drawings; Revised Product ID
section.
Revision H (08/2010)
Added 8-Lead Rotated SOIC marking information;
Revised Package Drawings; Revised Product ID
System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34