전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AHE2805DF/CH-MSTR 데이터시트(PDF) 8 Page - International Rectifier

부품명 AHE2805DF/CH-MSTR
상세설명  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/CH-MSTR 데이터시트(HTML) 8 Page - International Rectifier

Back Button AHE2805DF/CH-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 8Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 9Page - International Rectifier AHE2805DF/CH-MSTR Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.irf.com
AHE28XXD Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open circuit
voltage of the inhibit input is 11.5 ± 1.0VDC.
Block Diagram
Application Information
Inhibit Function
EMI Filter
An optional EMI filter (AFC461) will reduce the input ripple
current to levels below the limits imposed by MIL-STD-461
CEO3.
Device Synchronization
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to slight difference in the switching frequencies of the
converters (beat frequency noise). Because of the low
frequency nature of this noise (typically less than 10KHz), it
is difficult to filter out and may interfere with proper operation
of sensitive systems (communications, radar or telemetry).
To take advantage of this capability, the system designer
must assign one of the converters as the master. Then,
by definition, the remaining converters become slaves
and will operate at the masters’ switching frequency.
The user should be aware that the synchronization
system is fail-safe; that is, the slaves will continue
operating should the master frequency be interrupted for
any reason. The layout must be such that the
synchronization output (pin 9) of the master device is
connected to the synchronization input (pin 9) of each
slave device. It is advisable to keep this run short to
minimize the possibility of radiating the 250KHz switching
frequency.
The appropriate parts must be ordered to utilize this
feature. After selecting the converters required for the
system, a ‘MSTR’ suffix is added for the master converter
part number and a ‘SLV’ suffix is added for slave part
number.
International Rectifier offers an option that provides
synchronization of multiple AHE/ATW converters, thus
eliminating this type of noise.
Typical Synchronization Connection
AHE28xxS
AHE28xxS
AFC461
or
AFV461
AHE28xxS
or Other
Compatable
+ In
+ In
+ In
Case
Case
Case
Return
Return
Return
Return
Return
Return
Output
Output
Output
MSTR
SLV
SLV
+ In
Return
Output
Return
System
Bus
3
4
+Vout
Pulse Width
Modulator
EMI
Filter
1
2
10
+Input
Input
Return
FB
Drive 1
Drive 2
9
Sync
5 -Vout
Regulator
Output
Return
Inhibit
Input
Error Amp
& Reference



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com