전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B32686A 데이터시트(PDF) 6 Page - EPCOS

부품명 B32686A
상세설명  Metallized Polypropylene Film Capacitors (MFP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B32686A 데이터시트(HTML) 6 Page - EPCOS

Back Button B32686A Datasheet HTML 2Page - EPCOS B32686A Datasheet HTML 3Page - EPCOS B32686A Datasheet HTML 4Page - EPCOS B32686A Datasheet HTML 5Page - EPCOS B32686A Datasheet HTML 6Page - EPCOS B32686A Datasheet HTML 7Page - EPCOS B32686A Datasheet HTML 8Page - EPCOS B32686A Datasheet HTML 9Page - EPCOS B32686A Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt and k0 values
Lead spacing
37.5 mm
VR (V DC)
VRMS (V AC)
dV/dt in V/
µs
k0 in V2/
µs
1000
400
2 000
4 000 000
1250
450
2 800
7 000 000
1600
450
3 500
11 000 000
2000
500
4 500
18 000 000
Impedance Z versus frequency f
(typical values)
B32686A
Very high pulse (wound)
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18