전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6334DIRZ 데이터시트(PDF) 26 Page - Intersil Corporation

부품명 ISL6334DIRZ
상세설명  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ 데이터시트(HTML) 26 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 22Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 23Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 24Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 25Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 26Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 27Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 28Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
FN6802.2
August 31, 2010
For a 2-phase design, use Figure 18 to determine the input
capacitor RMS current requirement given the duty cycle,
maximum sustained output current (IO), and the ratio of the
per-phase peak-to-peak inductor current (IL(P-P)) to IO.
Select a bulk capacitor with a ripple current rating which will
minimize the total number of input capacitors required to
support the RMS current calculated. The voltage rating of
the capacitors should also be at least 1.25x greater than the
maximum input voltage.
Figures 19 and 20 provide the same input RMS current
information for 3- and 4-phase designs respectively. Use the
same approach to selecting the bulk capacitor type and
number, as previously described.
Low capacitance, high-frequency ceramic capacitors are
needed in addition to the bulk capacitors to suppress leading
and falling edge voltage spikes. The result from the high
current slew rates produced by the upper MOSFETs turn on
and off. Select low ESL ceramic capacitors and place one as
close as possible to each upper MOSFET drain to minimize
board parasitic impedances and maximize suppression.
MULTIPHASE RMS IMPROVEMENT
Figure 21 is provided as a reference to demonstrate the
dramatic reductions in input-capacitor RMS current upon the
implementation of the multiphase topology. For example,
compare the input RMS current requirements of a 2-phase
converter versus that of a single phase. Assume both
converters have a duty cycle of 0.25, a maximum sustained
output current of 40A, and a ratio of IL(P-P) to IO of 0.5. The
single phase converter would require 17.3ARMS current
capacity while the two-phase converter would only require
10.9ARMS. The advantages become even more pronounced
when output current is increased and additional phases are
added to keep the component cost down relative to the
single phase approach.
Layout Considerations
The following layout strategies are intended to minimize the
impact of board parasitic impedances on converter
performance and to optimize the heat-dissipating capabilities
of the printed-circuit board. These sections highlight some
important practices which should not be overlooked during the
layout process.
FIGURE 20. NORMALIZED INPUT-CAPACITOR RMS CURRENT
vs DUTY CYCLE FOR 4-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO/VIN)
0.3
0.1
0
0.2
IL(P-P) = 0
IL(P-P) = 0.25 IO
IL(P-P) = 0.5 IO
IL(P-P) = 0.75 IO
FIGURE 21. NORMALIZED INPUT-CAPACITOR RMS
CURRENT vs DUTY CYCLE FOR SINGLE-PHASE
CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO/VIN)
0.6
0.2
0
0.4
IL(P-P) = 0
IL(P-P) = 0.5 IO
IL(P-P) = 0.75 IO
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com