전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97635IRZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL97635IRZ
상세설명  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635IRZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL97635IRZ Datasheet HTML 4Page - Intersil Corporation ISL97635IRZ Datasheet HTML 5Page - Intersil Corporation ISL97635IRZ Datasheet HTML 6Page - Intersil Corporation ISL97635IRZ Datasheet HTML 7Page - Intersil Corporation ISL97635IRZ Datasheet HTML 8Page - Intersil Corporation ISL97635IRZ Datasheet HTML 9Page - Intersil Corporation ISL97635IRZ Datasheet HTML 10Page - Intersil Corporation ISL97635IRZ Datasheet HTML 11Page - Intersil Corporation ISL97635IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN6434.2
December 22, 2008
FIGURE 6. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 7. CURRENT MATCHING vs DUTY CYCLE vs
DIMMING FREQUENCY
FIGURE 8. PWM DIMMING LINEARITY
FIGURE 9. LX, VIIN, IL AND IO AT PWM DIMMING
FIGURE 10. IL AT 50% PWM DIMMING
FIGURE 11. IL ZOOM IN AT PWM DIMMING ZOOM IN
Typical Performance Curves (Continued)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CHANNELS
6V/1mA
6V/20mA
12V/1mA
12V/20mA
0.5
0.6
0.7
0.8
0.9
1.0
0
1020
3040
5060
7080
90
100
PWM DUTY CYCLE (%)
VIN = 12V
10kHz
1kHz
100kHz
200kHz
20kHz
0
20
40
60
80
100
120
140
160
180
0
1020
3040
50
6070
8090
100
PWM DUTY CYCLE (%)
8 CHANNELS
9 LEDS PER CHANNEL
VIN = 18V
VIN = 6V
VIN = 12V
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com