전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B32503 데이터시트(PDF) 33 Page - EPCOS

부품명 B32503
상세설명  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B32503 데이터시트(HTML) 33 Page - EPCOS

Back Button B32503 Datasheet HTML 29Page - EPCOS B32503 Datasheet HTML 30Page - EPCOS B32503 Datasheet HTML 31Page - EPCOS B32503 Datasheet HTML 32Page - EPCOS B32503 Datasheet HTML 33Page - EPCOS B32503 Datasheet HTML 34Page - EPCOS B32503 Datasheet HTML 35Page - EPCOS B32503 Datasheet HTML 36Page - EPCOS B32503 Datasheet HTML 37Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA
≤55 °C)
For TA >55
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 27.5 mm
63 V DC/40 V AC
100 V DC/63 V AC
250 V DC/160 V AC
400 V DC/200 V AC
B32524
General purpose (wound)
Page 33 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com