전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM5041AMTC 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM5041AMTC
상세설명  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041AMTC 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5041AMTC Datasheet HTML 7Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 8Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 9Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 10Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 11Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 12Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 13Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 14Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Push-Pull Outputs (Continued)
20137804
PWM Comparator
The PWM comparator compares the slope compensated
current ramp signal to the loop error voltage from the internal
error amplifier (COMP pin). This comparator is optimized for
speed in order to achieve minimum controllable duty cycles.
The comparator polarity is such that 0V on the COMP pin will
produce zero duty cycle in the buck stage.
Error Amplifier
An internal high gain wide-bandwidth error amplifier is pro-
vided within the LM5041A. The amplifier’s non-inverting in-
put is tied to a 0.75V reference. The inverting input is con-
nected to the FB pin. In non-isolated applications the power
converter output is connected to the FB pin via the voltage
setting resistors. Loop compensation components are con-
nected between the COMP and FB pins. For most isolated
applications the error amplifier function is implemented on
the secondary side of the converter and the internal error
amp is not used. The internal error amplifier is configured as
an open drain output and can be disabled by connecting the
FB pin to ground. An internal 5k
Ω pull-up resistor between
the 5V reference and COMP can be used as the pull-up for
an opto-coupler in isolated applications.
Current Limit/Current Sense
The LM5041A provides cycle-by-cycle over-current protec-
tion. If the voltage at the CS comparator (CS pin voltage plus
slope comp voltage) exceeds 0.5V the present buck stage
duty cycle is terminated (cycle by cycle current limit). A small
RC filter located near the controller is recommended to filter
current sense signals at the CS pin. An internal MOSFET
discharges the external CS pin for an additional 50ns at the
beginning of each cycle to reduce the leading edge spike
that occurs when the buck stage MOSFET is turned on.
The LM5041A current sense and PWM comparators are
very fast, and may respond to short duration noise pulses.
Layout considerations are critical for the current sense filter
and sense resistor. The capacitor associated with the CS
filter must be placed close to the device and connected
directly to the pins of the controller (CS and GND). If a
current sense transformer is used, both leads of the trans-
former secondary should be routed to the sense resistor,
which should also be located close to the IC. A resistor may
be used for current sensing instead of a transformer, located
in the push-pull transistor sources, but a low inductance type
of resistor is required. When designing with a sense resistor,
all of the noise sensitive low power grounds should be
connected together around the IC and a single connection
should be made to the high current power ground (sense
resistor ground point).
Oscillator and Sync Capability
The LM5041A oscillator is set by a single external resistor
connected between the RT pin and GND. To set a desired
oscillator frequency (F), the necessary RT resistor can be
calculated from:
The buck stage will switch at the oscillator frequency and
each push-pull output will switch at half the oscillator fre-
quency in a push-pull configuration. The LM5041A can also
be synchronized to an external clock. The external clock
must have a higher frequency than the free running fre-
quency set by the RT resistor. The clock signal should be
capacitively coupled into the RT pin with a 100pF capacitor.
A peak voltage level greater than 3V is required for detection
of the sync pulse. The sync pulse width should be set in the
15 to 150ns range by the external components. The RT
resistor is always required, whether the oscillator is free
running or externally synchronized. The voltage at the RT pin
is internally regulated to 2V. The RT resistor should be
located very close to the device and connected directly to the
pins of the IC (RT and GND).
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com