| 전자부품 데이터시트 검색엔진 |
|
LTC6991CS6PBF 데이터시트(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6991CS6PBF 데이터시트(HTML) 3 Page - Linear Technology |
|
3 / 24 page ![]() LTC6991 6991f elecTrical characTerisTics The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, RST = 0V, DIVCODE = 0 to 15 (NDIV = 1 to 221), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS tOUT Output Clock Period 1.024m 34,360 Seconds fOUT Output Frequency 29.1µ 977 Hz ∆fOUT Frequency Accuracy (Note 4) 29.1µHz ≤ fOUT ≤ 977Hz l ±0.8 ±1.5 ±2.2 % % ∆fOUT/∆T Frequency Drift Over Temperature l ±0.005 %/°C Frequency Drift Over Supply V+ = 4.5V to 5.5V V+ = 2.25V to 4.5V l l 0.23 0.06 0.55 0.16 %/V %/V Period Jitter (Note 10) NDIV = 1 NDIV = 8 15 7 ppmRMS ppmRMS BW Frequency Modulation Bandwidth 0.4 • fOUT Hz tS Frequency Change Settling Time (Note 9) 1 Cycle Analog Inputs VSET Voltage at SET Pin l 0.97 1.00 1.03 V ∆VSET/∆T VSET Drift Over Temperature l ±75 µV/°C RSET Frequency-Setting Resistor l 50 800 kΩ VDIV DIV Pin Voltage l 0 V+ V ∆VDIV/∆V+ DIV Pin Valid Code Range (Note 5) Deviation from Ideal VDIV/V+ = (DIVCODE + 0.5)/16 l ±1.5 % DIV Pin Input Current l ±10 nA Power Supply V+ Operating Supply Voltage Range l 2.25 5.5 V Power-On Reset Voltage l 1.95 V IS Supply Current RL = ∞, RSET = 50k V+ = 5.5V V+ = 2.25V l l 135 105 170 135 µA µA RL = ∞, RSET = 100k V+ = 5.5V V+ = 2.25V l l 100 80 130 105 µA µA RL = ∞, RSET = 800k V+ = 5.5V V+ = 2.25V l l 65 55 100 85 µA µA |