| 전자부품 데이터시트 검색엔진 |
|
MB90F474LPF 데이터시트(PDF) 80 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF 데이터시트(HTML) 80 Page - fujitsu semiconductor |
|
80 / 118 page ![]() MB90470 Series 80 23. Address Match Detection Function When the address is equal to a value set in the address detection register, the instruction code loaded into the CPU is replaced forcibly with the INT9 instruction code (01H). As a result, when the CPU executes a set instruction, the INT9 instruction is executed. Processing by the INT#9 interrupt routine allows the program patching function to be implemented. Two address detection registers are supported. An interrupt enable bit is prepared for each register. If the value set in the address detection register matches an address and if the interrupt enable bit is set at “1”, the instruction code loaded into the CPU is replaced forcibly with the INT9 instruction code. (1) Register Configuration • Program address detection register 0 to 2 (PADR0) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B R/W :Readable and writable X :Undefined RESV:Reserved bit Address PADR0 (Low order address): 001FF0H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B Address PADR0 (Middle order address): 001FF1H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B Address PADR0 (High order address): 001FF2H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B Address PADR1 (Low order address): 001FF3H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B Address PADR1 (Middle order address): 001FF4H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value XXXXXXXX B Address PADR1 (High order address): 001FF5H R/W R/W R/W R/W R/W R/W R/W R/W bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 Initial value 00000000 B Address 00009EH R/W R/W R/W R/W R/W R/W R/W R/W • Program address detection register 3 to 5 (PADR1) • Program address detection control status register (PACSR) RESV RESV RESV RESV AD1E RESV AD0E RESV |