전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F342CESPMC 데이터시트(PDF) 21 Page - fujitsu semiconductor

부품명 MB90F342CESPMC
상세설명  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F342CESPMC 데이터시트(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F342CESPMC Datasheet HTML 17Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 18Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 19Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 20Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 21Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 22Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 23Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 24Page - fujitsu semiconductor MB90F342CESPMC Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MB90340E Series
DS07-13747-4E
21
(Continued)
Type
Circuit
Remarks
F
• CMOS level output
(IOL = 4 mA, IOH
= −4 mA)
• CMOS hysteresis input (with function to
disconnect input during standby)
• Automotive input (with function to
disconnect input during standby)
G
• CMOS level output
(IOL = 4 mA, IOH
= −4 mA)
• CMOS hysteresis input (with function to
disconnect input during standby)
• Automotive input (with function to
disconnect input during standby)
• TTL input (with function to disconnect
input during standby)
• Programmable pull-up resistor: 50 k
Ω
approx.
H
• CMOS level output
(IOL = 3 mA, IOH
= −3 mA)
• CMOS hysteresis input (with function to
disconnect input during standby)
• Automotive input (with function to
disconnect input during standby)
CMOS hysteresis
input
Automotive input
Standby control for
input shutdown
Pout
Nout
R
P-ch
N-ch
Pull-up control
CMOS hysteresis
input
Automotive input
TTL input
Standby control for
input shutdown
Pout
Nout
R
P-ch
P-ch
N-ch
CMOS hysteresis
input
Automotive input
Standby control for
input shutdown
Pout
Nout
R
N-ch
P-ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com