전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F342ES 데이터시트(PDF) 73 Page - fujitsu semiconductor

부품명 MB90F342ES
상세설명  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F342ES 데이터시트(HTML) 73 Page - fujitsu semiconductor

Back Button MB90F342ES Datasheet HTML 69Page - fujitsu semiconductor MB90F342ES Datasheet HTML 70Page - fujitsu semiconductor MB90F342ES Datasheet HTML 71Page - fujitsu semiconductor MB90F342ES Datasheet HTML 72Page - fujitsu semiconductor MB90F342ES Datasheet HTML 73Page - fujitsu semiconductor MB90F342ES Datasheet HTML 74Page - fujitsu semiconductor MB90F342ES Datasheet HTML 75Page - fujitsu semiconductor MB90F342ES Datasheet HTML 76Page - fujitsu semiconductor MB90F342ES Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
MB90340E Series
DS07-13747-4E
73
5.
A/D Converter
(TA
= −40 °C to +105 °C, 3.0 V ≤ AVRH − AVRL, VCC = AVCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
*: If the A/D convertor is not operating, a current when CPU is stopped is applicable (VCC
= AVCC = AVRH = 5.0 V) .
Note: The accuracy gets worse as |AVRH
− AVRL| becomes smaller.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Total error
⎯⎯
⎯
⎯
±3.0
LSB
Nonlinearity error
⎯⎯
⎯
⎯
±2.5
LSB
Differential
nonlinearity error
⎯⎯
⎯
⎯
±1.9
LSB
Zero reading
voltage
VOT
AN0 to AN23
AVRL
− 1.5 × LSB
AVRL
+ 0.5 × LSB
AVRL
+ 2.5 × LSB
V
Full scale reading
voltage
VFST
AN0 to AN23
AVRH
− 3.5 × LSB
AVRH
− 1.5 × LSB
AVRH
+ 0.5 × LSB
V
Compare time
⎯⎯
1.0
⎯
16500
μs
4.5 V
≤ AVCC ≤ 5.5 V
2.0
4.0 V
≤ AVCC < 4.5 V
Sampling time
⎯⎯
0.5
⎯
∞
μs
4.5 V
≤ AVCC ≤ 5.5 V
1.2
4.0 V
≤ AVCC < 4.5 V
Analog port input
current
IAIN
AN0 to AN23
−0.3
⎯+0.3
μA
Analog input
voltage range
VAIN
AN0 to AN23
AVRL
⎯
AVRH
V
Reference
voltage range
⎯
AVRH
AVRL
+ 2.7
⎯
AVCC
V
⎯
AVRL
0
⎯
AVRH
− 2.7
V
Power supply
current
IA
AVCC
⎯
3.5
7.5
mA
IAH
AVCC
⎯⎯
5
μA*
Reference
voltage current
IR
AVRH
⎯
600
900
μA
IRH
AVRH
⎯⎯
5
μA*
Offset between
input channels
⎯
AN0 to AN23
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com