| 전자부품 데이터시트 검색엔진 |
|
MB96310 데이터시트(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96310 데이터시트(HTML) 17 Page - fujitsu semiconductor |
|
17 / 84 page ![]() MB96310 Series DS07-13808-2E 17 ■ SERIAL PROGRAMMING COMMUNICATION INTERFACE Note: If a Flash programmer and its software needs to use a handshaking pin, Fujitsu suggests to the tool vendor to support at least port P00_1 on pin 19. If handshaking is used by the tool but P00_1 is not available in customer’s application, Fujitsu suggests to the customer to check the tool manual or to contact the tool vendor for alternative handshaking pins. USART pins for Flash serial programming (MD[2:0] = 010) MB96F31x Pin number USART Number Normal function LQFP-48 7 USART2 SIN2 8SOT2 9SCK2 20 USART7 SIN7_R 19 SOT7_R 18 SCK7_R 22 USART8 SIN8_R 21 SOT8_R 23 SCK8_R |