전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDN302P 데이터시트(PDF) 8 Page - Texas Instruments

부품명 FDN302P
상세설명  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDN302P 데이터시트(HTML) 8 Page - Texas Instruments

Back Button FDN302P Datasheet HTML 4Page - Texas Instruments FDN302P Datasheet HTML 5Page - Texas Instruments FDN302P Datasheet HTML 6Page - Texas Instruments FDN302P Datasheet HTML 7Page - Texas Instruments FDN302P Datasheet HTML 8Page - Texas Instruments FDN302P Datasheet HTML 9Page - Texas Instruments FDN302P Datasheet HTML 10Page - Texas Instruments FDN302P Datasheet HTML 11Page - Texas Instruments FDN302P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
7.3
Default Jumper Settings and Switch Positions
8
ADS1246EVM-PDK Kit Operation
ADS1246EVM-PDK Kit Operation
www.ti.com
Figure 3 shows the jumpers found on the EVM and the respective factory default conditions for each.
Figure 3. ADS1246EVM Default Jumper Locations
Table 6 lists the switches found on the EVM and the respective factory default conditions for each.
Table 6. List of Switches
Switch
Default Position
Switch Description
S1
Left
Onboard reference
This section provides information on using the ADS1246EVM-PDK, including setup, program installation,
and program usage.
To prepare to evaluate the ADS1246 with the ADS1246EVM-PDK, complete the following steps:
Step 1.
Install the ADCPro software (if not already installed) on a PC.
Step 2.
Install the ADS1246EVM-PDK EVM plug-in software.
Step 3.
Complete the USB driver installation process.
Step 4.
Set up the ADS1246EVM-PDK.
Step 5.
Connect the ADS1246EVM-PDK to the computer with a USB cable.
Step 6.
Run the ADCPro software.
Each task is described in the subsequent sections of this document.
8
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27