| 전자부품 데이터시트 검색엔진 |
|
L6506D 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6506D 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() L6506 L6506D July 2003 CURRENT CONTROLLER FOR STEPPING MOTORS ® DESCRIPTION The L6506/D is a linear integrated circuit designed to sense and control the current in stepping motors and similar devices. When used in conjunction with the L293, L298, L7150, L6114/L6115, the chip set forms a constant current drive for an inductive load and performs all the interface function from the con- trol logic thru the power stage. Two or more devices may be synchronized using the sync pin. In this mode of operation the oscillator in the master chip sets the operating frequency in all chips. DIP18 SO20 ORDERING NUMBERS: L6506 L6506D BLOCK DIAGRAM (pin’s number referred to DIP-18) 1/8 |
유사한 부품 번호 - L6506D |
|
유사한 설명 - L6506D |