전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA3718DP 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 TEA3718DP
상세설명  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718DP 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button TEA3718DP Datasheet HTML 11Page - STMicroelectronics TEA3718DP Datasheet HTML 12Page - STMicroelectronics TEA3718DP Datasheet HTML 13Page - STMicroelectronics TEA3718DP Datasheet HTML 14Page - STMicroelectronics TEA3718DP Datasheet HTML 15Page - STMicroelectronics TEA3718DP Datasheet HTML 16Page - STMicroelectronics TEA3718DP Datasheet HTML 17Page - STMicroelectronics TEA3718DP Datasheet HTML 18Page - STMicroelectronics TEA3718DP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Functional blocks
15/26
Figure 17.
Common detection for several Multiwatt packages
4.2
Pre-alarm output (TEA3718SFP)
When the junction temperature reaches T1
° C (typically = 170 ° C) a pre-alarm signal is
generated on the PRE-ALARM output pin.
Soft thermal protection occurs when function temperature reaches T2 (T2 > T1).
4.3
Current reduction in alarm condition
Note:
The resistance values given in this section are for the VCH threshold. They should be
adjusted when using other comparator thresholds or Vref values.
Figure 18.
Current reduction in the motor on alarm condition (typical curve)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26