전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103X4 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 STM32F103X4
상세설명  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X4 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button STM32F103X4_10 Datasheet HTML 77Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 78Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 79Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 80Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 81Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 82Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 83Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 84Page - STMicroelectronics STM32F103X4_10 Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
STM32F103x4, STM32F103x6
Revision history
Doc ID 15060 Rev 4
83/85
8
Revision history
Table 57.
Document revision history
Date
Revision
Changes
22-Sep-2008
1
Initial release.
30-Mar-2009
2
“96-bit unique ID” feature added and I/O information clarified on page 1.
Timers specified on page 1 (Motor control capability mentioned).
Table 4: Timer feature comparison added.
PB4, PB13, PB14, PB15, PB3/TRACESWO moved from Default
column to Remap column, plus small additional changes in Table 5:
Low-density STM32F103xx pin definitions.
Figure 8: Memory map modified.
References to VREF- removed:
– Figure 1: STM32F103xx performance line block diagram modified,
– Figure 11: Power supply scheme modified
– Figure 34: ADC accuracy characteristics modified
– Note modified in Table 48: ADC accuracy.
Table 20: High-speed external user clock characteristics and Table 21:
Low-speed external user clock characteristics modified.
Note modified in Table 13: Maximum current consumption in Run
mode, code with data processing running from Flash and Table 15:
Maximum current consumption in Sleep mode, code running from
Flash or RAM.
Figure 17 shows a typical curve (title modified). ACCHSI max values
modified in Table 24: HSI oscillator characteristics.
TFBGA64 package added (see Table 53 and Table 44).
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85