| 전자부품 데이터시트 검색엔진 |
|
STB80NF10T4 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB80NF10T4 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() STB80NF10, STP80NF10 Electrical characteristics Doc ID 6958 Rev 18 5/14 Table 7. Source drain diode Symbol Parameter Test conditions Min. Typ. Max Unit ISD Source-drain current - 80 A ISDM (1) 1. Pulse width limited by safe operating area Source-drain current (pulsed) - 320 A VSD (2) 2. Pulse duration=300µs, duty cycle 1.5% Forward on voltage ISD = 80 A, VGS = 0 - 1.3 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD=80 A, VDD = 50 V di/dt = 100 A/µs, Tj=150 °C - 106 450 8.5 ns nC A |