| 전자부품 데이터시트 검색엔진 |
|
L78SXX 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78SXX 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 39 page ![]() L78Sxx, L78SxxC Electrical characteristics Doc ID 2148 Rev 4 21/39 Refer to the test circuits, TJ = 25 °C, VI = 33 V, IO = 500 mA, unless otherwise specified. Table 19. Electrical characteristics of L78S24C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 23 24 25 V VO Output voltage IO = 1 A, VI = 27 V 22.8 24 25.2 V ΔVO Line regulation VI = 27 to 38 V 480 mV VI = 30 to 36 V 240 ΔVO Load regulation IO = 20 mA to 1.5 A 480 mV IO = 2 A 300 IQ Quiescent current 8 mA ΔIQ Quiescent current change IO = 20 mA to 1 A 0.5 mA VI = 27 to 38 V, IO = 20 mA 1 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = 0 °C to 70 °C -1.5 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz 170 µV SVR Supply voltage rejection f = 120 Hz 42 dB VI Operating input voltage IO ≤ 1 A 27 V RO Output resistance f = 1 kHz 28 m Ω Isc Short circuit current VI = 27 V 500 mA Iscp Short circuit peak current 3 A |