| 전자부품 데이터시트 검색엔진 |
|
P6KE110CAS 데이터시트(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
P6KE110CAS 데이터시트(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It W orking Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of VBR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) P6KE62CS 55.8 68.2 1.0 50.2 5.0 6.8 89.0 0.104 P6KE62CAS 58.9 65.1 1.0 53.0 5.0 7.1 85.0 0.104 P6KE68CS 61.2 74.8 1.0 55.1 5.0 6.1 98.0 0.104 P6KE68CAS 64.6 71.4 1.0 58.1 5.0 6.5 92.0 0.104 P6KE75CS 67.5 82.5 1.0 60.7 5.0 5.5 108 0.105 P6KE75CAS 71.3 78.8 1.0 64.1 5.0 5.8 103 0.105 P6KE82CS 73.8 90.2 1.0 66.4 5.0 5.1 118 0.105 P6KE82CAS 77.9 86.1 1.0 70.1 5.0 5.3 113 0.105 P6KE91CS 81.9 100 1.0 73.7 5.0 4.5 131 0.106 P6KE91CAS 86.5 95.5 1.0 77.8 5.0 4.8 125 0.106 P6KE100CS 90.0 110 1.0 81.0 5.0 4.2 144 0.106 P6KE100CAS 95.0 105 1.0 85.5 5.0 4.4 137 0.106 P6KE110CS 99.0 121 1.0 89.2 5.0 3.8 158 0.107 P6KE110CAS 105 116 1.0 94.0 5.0 4.0 152 0.107 P6KE120CS 108 132 1.0 97.2 5.0 3.5 173 0.107 P6KE120CAS 114 126 1.0 102 5.0 3.6 165 0.107 P6KE130CS 117 143 1.0 106 5.0 3.2 187 0.107 P6KE130CAS 124 137 1.0 111 5.0 3.3 179 0.107 P6KE150CS 135 165 1.0 121 5.0 2.8 215 0.108 P6KE150CAS 143 158 1.0 128 5.0 2.9 207 0.108 P6KE160CS 144 176 1.0 130 5.0 2.6 230 0.108 P6KE160CAS 152 168 1.0 136 5.0 2.7 219 0.108 P6KE170CS 153 187 1.0 138 5.0 2.5 244 0.108 P6KE170CAS 162 179 1.0 145 5.0 2.6 234 0.108 P6KE180CS 162 198 1.0 146 5.0 2.3 258 0.108 P6KE180CAS 171 189 1.0 154 5.0 2.4 246 0.108 P6KE200CS 180 220 1.0 162 5.0 2.1 287 0.108 P6KE200CAS 190 210 1.0 171 5.0 2.2 274 0.108 P6KE220CS 198 242 1.0 175 5.0 1.75 344 0.108 P6KE220CAS 209 231 1.0 185 5.0 1.83 328 0.108 P6KE250CS 225 275 1.0 202 5.0 1.67 360 0.110 P6KE250CAS 237 263 1.0 214 5.0 1.75 344 0.110 P6KE300CS 270 330 1.0 243 5.0 1.40 430 0.110 P6KE300CAS 285 315 1.0 256 5.0 1.45 414 0.110 P6KE350CS 315 385 1.0 284 5.0 1.20 504 0.110 P6KE350CAS 332 368 1.0 300 5.0 1.25 482 0.110 P6KE400CS 360 440 1.0 324 5.0 1.05 574 0.110 P6KE400CAS 380 420 1.0 342 5.0 1.10 548 0.110 P6KE440CS 396 484 1.0 356 5.0 0.95 631 0.110 P6KE440CAS 418 462 1.0 376 5.0 1.00 602 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 50 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., IF = 50 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. Page 3 of 4 Rev. 04 : March 25, 2005 |