| 전자부품 데이터시트 검색엔진 |
|
M95128-WDW3G/P 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-WDW3G/P 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 44 page ![]() DC and AC parameters M95128, M95128-W, M95128-R 28/44 Doc ID 5798 Rev 13 2. Characterized only, not 100% tested. Table 13. DC characteristics (M95128-W, device grade 6) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 3mA C = 0.1VCC/0.9VCC at 5 MHz, VCC = 5 V, Q = open 5mA ICC0 (1) 1. Characterized value, not tested in production. Supply current (Write) During tW, S = VCC, 2.5 V < VCC < 5.5 V 5 mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC, 2.5 V < VCC < 5.5 V 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage VCC = 2.5 V and IOL = 1.5 mA or VCC = 5 V and IOL = 2 mA 0.4 V VOH Output high voltage VCC = 2.5 V and IOH = –0.4 mA or VCC = 5 V and IOH = –2 mA 0.8 VCC V VRES (2) 2. Characterized only, not 100% tested. Internal reset threshold voltage 1.0 1.65 V Table 14. DC characteristics (M95128-W, device grade 3) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 3mA ICC0 (1) Supply current (Write) During tW, S = VCC, 2.5 V < VCC < 5.5 V 6mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC 2.5 V < VCC < 5.5 V, 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage VCC = 2.5 V and IOL = 1.5 mA or VCC = 5 V and IOL = 2 mA 0.4 V |