| 전자부품 데이터시트 검색엔진 |
|
915GL 데이터시트(PDF) 47 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
915GL 데이터시트(HTML) 47 Page - Intel Corporation |
|
47 / 426 page ![]() Signal Description R Datasheet 47 Interface Signal Name I/O State During RSTIN# Assertion State After RSTIN# De- assertion S3 Pull-up/ Pull-down Host I/F HHIT# I/O TERM HV TERM HV TRI (No VTT) HHITM# I/O TERM HV TERM HV TRI (No VTT) HLOCK# I/O TERM HV TERM HV TRI (No VTT) HREQ[4:0]# I/O TERM HV TERM HV TRI (No VTT) HTRDY# O TERM HV TERM HV TRI (No VTT) HRS[2:0]# O TERM HV TERM HV TRI (No VTT) HBREQ0# I/O TERM HV TERM HV TRI (No VTT) HPCREQ# I TERM HV TERM HV TRI (No VTT) HVREF I IN IN TRI HRCOMP I/O TRI TRI after RCOMP TRI 20 Ω resistor for board with target impedance of 60 Ω HSWING I IN IN HSCOMP I/O TRI TRI TRI Table 2-2. System Memory (DDR2) Reset and S3 States Interface Signal Name I/O State During RSTIN# Assertion State After RSTIN# De- assertion S3 Pull-up/ Pull-down Channel A SCLK_A[5:0] O TRI TRI TRI SCLK_A[5:0]# O TRI TRI TRI SCS_A[3:0]# O TRI TRI TRI SMA_A[13:0] O TRI TRI TRI SBS_A[2:0] O TRI TRI TRI SRAS_A# O TRI TRI TRI SCAS_A# O TRI TRI TRI SWE_A# O TRI TRI TRI SDQ_A[63:0] I/O TRI TRI TRI SDM_A[7:0] O TRI TRI TRI SDQS_A[7:0] I/O TRI TRI TRI SDQS_A[7:0]# I/O TRI TRI TRI SCKE_A[3:0] O LV LV LV System Memory (DDR2) SODT_A[3:0] O LV LV LV |