| 전자부품 데이터시트 검색엔진 |
|
3000 데이터시트(PDF) 59 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
3000 데이터시트(HTML) 59 Page - Intel Corporation |
|
59 / 102 page ![]() Land Listing and Signal Descriptions Dual-Core Intel® Xeon® Processor 3000 Series Datasheet 61 J6 REQ4# Source Synch Input/Output J7 VSS Power/Other J8 VCC Power/Other J9 VCC Power/Other J10 VCC Power/Other J11 VCC Power/Other J12 VCC Power/Other J13 VCC Power/Other J14 VCC Power/Other J15 VCC Power/Other J16 FC31 Power/Other J17 FC34 Power/Other J18 VCC Power/Other J19 VCC Power/Other J20 VCC Power/Other J21 VCC Power/Other J22 VCC Power/Other J23 VCC Power/Other J24 VCC Power/Other J25 VCC Power/Other J26 VCC Power/Other J27 VCC Power/Other J28 VCC Power/Other J29 VCC Power/Other J30 VCC Power/Other K1 LINT0 Asynch CMOS Input K2 VSS Power/Other K3 A20M# Asynch CMOS Input K4 REQ0# Source Synch Input/Output K5 VSS Power/Other K6 REQ3# Source Synch Input/Output K7 VSS Power/Other K8 VCC Power/Other K23 VCC Power/Other K24 VCC Power/Other K25 VCC Power/Other K26 VCC Power/Other K27 VCC Power/Other K28 VCC Power/Other K29 VCC Power/Other Table 4-2. Numerical Land Assignment (Sheet 7 of 20) Land # Land Name Signal Buffer Type Direction K30 VCC Power/Other L1 LINT1 Asynch CMOS Input L2 TESTHI13 Power/Other Input L3 VSS Power/Other L4 A06# Source Synch Input/Output L5 A03# Source Synch Input/Output L6 VSS Power/Other L7 VSS Power/Other L8 VCC Power/Other L23 VSS Power/Other L24 VSS Power/Other L25 VSS Power/Other L26 VSS Power/Other L27 VSS Power/Other L28 VSS Power/Other L29 VSS Power/Other L30 VSS Power/Other M1 VSS Power/Other M2 THERMTRIP# Asynch CMOS Output M3 STPCLK# Asynch CMOS Input M4 A07# Source Synch Input/Output M5 A05# Source Synch Input/Output M6 REQ2# Source Synch Input/Output M7 VSS Power/Other M8 VCC Power/Other M23 VCC Power/Other M24 VCC Power/Other M25 VCC Power/Other M26 VCC Power/Other M27 VCC Power/Other M28 VCC Power/Other M29 VCC Power/Other M30 VCC Power/Other N1 PWRGOOD Power/Other Input N2 IGNNE# Asynch CMOS Input N3 VSS Power/Other N4 RESERVED N5 RESERVED N6 VSS Power/Other N7 VSS Power/Other Table 4-2. Numerical Land Assignment (Sheet 8 of 20) Land # Land Name Signal Buffer Type Direction |