전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

430 데이터시트(PDF) 92 Page - Intel Corporation

부품명 430
상세설명  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

430 데이터시트(HTML) 92 Page - Intel Corporation

Back Button 430 Datasheet HTML 88Page - Intel Corporation 430 Datasheet HTML 89Page - Intel Corporation 430 Datasheet HTML 90Page - Intel Corporation 430 Datasheet HTML 91Page - Intel Corporation 430 Datasheet HTML 92Page - Intel Corporation 430 Datasheet HTML 93Page - Intel Corporation 430 Datasheet HTML 94Page - Intel Corporation 430 Datasheet HTML 95Page - Intel Corporation 430 Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
Boxed Processor Specifications
92
Datasheet
7.1
Mechanical Specifications
7.1.1
Boxed Processor Cooling Solution Dimensions
This section documents the mechanical specifications of the boxed processor. The
boxed processor will be shipped with an unattached fan heatsink. Figure 23 shows a
mechanical representation of the boxed processor.
Clearance is required around the fan heatsink to ensure unimpeded airflow for proper
cooling. The physical space requirements and dimensions for the boxed processor with
assembled fan heatsink are shown in Figure 24 (Side View), and Figure 25 (Top View).
The airspace requirements for the boxed processor fan heatsink must also be
incorporated into new baseboard and system designs. Airspace requirements are
shown in Figure 29 and Figure 30. Note that some figures have centerlines shown
(marked with alphabetic designations) to clarify relative dimensioning.
Figure 24.
Space Requirements for the Boxed Processor (Side View)
Boxed_Proc_SideView
95.0
[3.74]
10.0
[0.39]
25.0
[0.98]
81.3
[3.2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100