전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPR1620CR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPR1620CR
상세설명  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1620CR 데이터시트(HTML) 6 Page - STMicroelectronics

  STPR1620CR Datasheet HTML 1Page - STMicroelectronics STPR1620CR Datasheet HTML 2Page - STMicroelectronics STPR1620CR Datasheet HTML 3Page - STMicroelectronics STPR1620CR Datasheet HTML 4Page - STMicroelectronics STPR1620CR Datasheet HTML 5Page - STMicroelectronics STPR1620CR Datasheet HTML 6Page - STMicroelectronics STPR1620CR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STPR1620CG / STPR1620CT / STPR1620CR
6/7
PACKAGE MECHANICAL DATA
I
2PAK
e
D
L
L1
L2
b1
b
b2
E
A
c2
A1
c
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
b
0.70
0.93
0.028
0.037
b1
1.14
1.17
0.044
0.046
b2
1.14
1.17
0.044
0.046
c
0.45
0.60
0.018
0.024
c2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
E
10.0
10.4
0.394
0.409
L
13.1
13.6
0.516
0.535
L1
3.48
3.78
0.137
0.149



Html Pages

1 2 3 4 5 6 7