전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-RMN6TG/G 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 M95080-RMN6TG/G
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6TG/G 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button M95080-RMN6TG/G Datasheet HTML 12Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 13Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 14Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 15Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 16Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 17Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 18Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 19Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Instructions
M95160-x, M95080-x
16/50
Doc ID 8028 Rev 10
6
Instructions
Each instruction starts with a single-byte code, as summarized in Table 4.
If an invalid instruction is sent (one not contained in Table 4.), the device automatically
deselects itself.
6.1
Write Enable (WREN)
The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction.
The only way to do this is to send a Write Enable instruction to the device.
As shown in Figure 7., to send this instruction to the device, Chip Select (S) is driven low,
and the bits of the instruction byte are shifted in, on Serial Data Input (D). The device then
enters a wait state. It waits for the device to be deselected, by Chip Select (S) being driven
high.
Figure 7.
Write Enable (WREN) sequence
Table 4.
Instruction set
Instruction
Description
Instruction format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com