전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-DW6TG/G 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M95080-DW6TG/G
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DW6TG/G 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M95080-DW6TG/G Datasheet HTML 5Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 6Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 7Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 8Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 9Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 10Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 11Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 12Page - STMicroelectronics M95080-DW6TG/G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
M95160-x, M95080-x
Signal description
Doc ID 8028 Rev 10
9/50
2.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either high or low, and must be stable during all write instructions.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50