전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95160-DW3TG/G 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 M95160-DW3TG/G
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DW3TG/G 데이터시트(HTML) 4 Page - STMicroelectronics

  M95160-DW3TG/G Datasheet HTML 1Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 2Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 3Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 4Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 5Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 6Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 7Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 8Page - STMicroelectronics M95160-DW3TG/G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
List of tables
M95160-x, M95080-x
4/50
Doc ID 8028 Rev 10
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Write-protected block size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 4.
Instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 5.
Status Register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 6.
Protection modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 7.
Address range bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 8.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 9.
Operating conditions (M95160 and M95080) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 10.
Operating conditions (M95160-W and M95080-W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 11.
Operating conditions (M95160-R and M95080-R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 12.
Operating conditions (M95160-F) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 13.
AC measurement conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 14.
Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 15.
DC characteristics (M95160 and M95080, device grade 3) . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 16.
DC characteristics (M95160 and M95080, device grade 6) . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 17.
DC characteristics (M95160-W and M95080-W, device grade 3). . . . . . . . . . . . . . . . . . . . 28
Table 18.
DC characteristics (M95160-W and M95080-W, device grade 6). . . . . . . . . . . . . . . . . . . . 29
Table 19.
DC characteristics (M95160-R and M95080-R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 20.
DC characteristics (M95160-F) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 21.
AC characteristics (M95160 and M95080, device grade 3) . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 22.
AC characteristics (M95160 and M95080, device grade 6) . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 23.
AC characteristics (M95160-W and M95080-W, device grade 3). . . . . . . . . . . . . . . . . . . . 34
Table 24.
AC characteristics (M95160-W and M95080-W, device grade 6). . . . . . . . . . . . . . . . . . . . 35
Table 25.
AC characteristics for M95160-Wxx6/S and M95080-Wxx6/S . . . . . . . . . . . . . . . . . . . . . . 36
Table 26.
AC characteristics (M95160-R and M95080-R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 27.
AC characteristics (M95160-F) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 28.
SO8N – 8-lead plastic small outline, 150 mils body width, mechanical data . . . . . . . . . . . 41
Table 29.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 x 3 mm, package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 30.
WLCSP-R 1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package mechanical
data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 31.
TSSOP8 – 8-lead thin shrink small outline, package mechanical data. . . . . . . . . . . . . . . . 44
Table 32.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 33.
Available M95160 products (package, voltage range, temperature grade) . . . . . . . . . . . . 46
Table 34.
Available M95080 products (package, voltage range, temperature grade) . . . . . . . . . . . . 46
Table 35.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50