| 전자부품 데이터시트 검색엔진 |
|
IXP46X 데이터시트(PDF) 14 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP46X 데이터시트(HTML) 14 Page - Intel Corporation |
|
14 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 14 Document Number: 306261-004US Detailed functional descriptions — other than parametric performance — are published in the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual. Other related documents are shown in Table 2. 3.0 Functional Overview The Intel® IXP45X and Intel® IXP46X Product Line of Network Processors are compliant with the Intel® StrongARM* Version 5TE instruction-set architecture (ISA). The IXP45X/ IXP46X network processors are designed with Intel 0.18-micron semiconductor process technology. This process technology along with the compactness of the Intel® StrongARM* RISC ISA, which has the ability to simultaneously process data with up to three integrated network processing engines (NPEs), and numerous dedicated-function peripheral interfaces enables the IXP45X/IXP46X network processors to operate over a wide range of low cost networking applications with industry-leading performance. As indicated in Figure 1, Figure 2, and Figure 3, the IXP45X/IXP46X network processors combine many features with the Intel XScale® processor to create a highly integrated processor applicable to LAN/WAN-based networking applications in addition to other embedded networking applications. This section briefly describes the main features of the product. For detailed functional descriptions, see the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual. Table 2. Related Documents Document Title Document # Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual 306262 Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Hardware Design Guidelines 305261 Intel® IXP4XX Product Line of Network Processors Specification Update 306428 Intel® IXP400 Software Programmer’s Guide 252539 Migration Guide for Intel StrataFlash® Synchronous Memory (J3) to Intel StrataFlash® Embedded Memory (P30) - Application Note 812 306667 Migration Guide for Intel StrataFlash® Synchronous Memory (K3/K18) to Intel StrataFlash® Embedded Memory (P30) - Application Note 825 306669 Intel XScale® Core Developer’s Manual 273473 Intel XScale® Microarchitecture Technical Summary — PCI Local Bus Specification, Revision 2.2 N/A Universal Serial Bus Specification, Revision 1.1 N/A Universal Serial Bus Specification, Revision 2.0 N/A |