| 전자부품 데이터시트 검색엔진 |
|
T7100 데이터시트(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
T7100 데이터시트(HTML) 13 Page - Intel Corporation |
|
13 / 87 page ![]() Datasheet 13 Low Power Features NOTES: 1. AutoHALT or MWAIT/C1. 2.1.1 Core Low Power State Descriptions 2.1.1.1 Core C0 State This is the normal operating state for cores in the processor. 2.1.1.2 Core C1/AutoHALT Powerdown State C1/AutoHALT is a low power state entered when a core executes the HALT instruction. The processor transitions to the C0 state upon occurrence of SMI#, INIT#, LINT[1:0] (NMI, INTR), or FSB interrupt messages. RESET# causes the processor to immediately initialize itself. Figure 2. Package Low Power States Table 1. Coordination of Core Low Power States at the Package Level Package State Core1 State Core0 State C0 C11 C2 C3 C4 C0 Normal Normal Normal Normal Normal C11 Normal Normal Normal Normal Normal C2 Normal Normal Stop-Grant Stop Grant Stop Grant C3 Normal Normal Stop-Grant Deep Sleep Deep Sleep C4 Normal Normal Stop-Grant Deep Sleep Deeper Sleep / Intel® Enhanced Deeper Sleep Stop Grant Snoop Normal Stop Grant Deep Sleep STPCLK# asserted Snoop serviced Snoop occurs Deeper Sleep † Sleep SLP# asserted SLP# deasserted DPSLP# asserted DPSLP# deasserted DPRSTP# deasserted DPRSTP# asserted STPCLK# deasserted † — Deeper Sleep includes the Deeper Sleep state and Intel Enhanced Deeper Sleep state. |