전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-DW3TG/S 데이터시트(PDF) 49 Page - STMicroelectronics

부품명 M95080-DW3TG/S
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DW3TG/S 데이터시트(HTML) 49 Page - STMicroelectronics

Back Button M95080-DW3TG/S Datasheet HTML 42Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 43Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 44Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 45Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 46Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 47Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 48Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 49Page - STMicroelectronics M95080-DW3TG/S Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
M95160-x, M95080-x
Revision history
Doc ID 8028 Rev 10
49/50
12-May-2009
9
Section 4.1.2: Device reset updated.
VRES added to DC characteristics tables 15, 16, 17, 18, 19 and 20.
Note added to Section 6.6: Write to Memory Array (WRITE).
Note 1 added to Table 19: DC characteristics (M95160-R and M95080-R).
VIL and VOL modified in Table 20: DC characteristics (M95160-F).
Table 24: AC characteristics (M95160-W and M95080-W, device grade 6)
split into two tables: Table 24 for process GB or SB and Table 25 for
process SA.
M95160-F is now available in device grade 6 (Table 33: Available M95160
products (package, voltage range, temperature grade) updated.
09-Oct-2009
10
Revision number of 12-May-2009 corrected in Table 35: Document
revision history.
VRES corrected in Table 15: DC characteristics (M95160 and M95080,
device grade 3) and Table 16: DC characteristics (M95160 and M95080,
device grade 6).
Table 35.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50