전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-RMN3G/S 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 M95080-RMN3G/S
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN3G/S 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button M95080-RMN3G/S Datasheet HTML 39Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 40Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 41Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 42Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 43Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 44Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 45Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 46Page - STMicroelectronics M95080-RMN3G/S Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
M95160-x, M95080-x
Package mechanical data
Doc ID 8028 Rev 10
43/50
Figure 20.
WLCSP-R 1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package outline
1.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
2.
Drawing is not to scale.
3.
Preliminary data.
Table 30.
WLCSP-R 1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package mechanical
data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.490
0.600
0.0193
0.0215
0.0236
A1
0.190
0.0075
A2
0.355
0.014
b(3)
3.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.270
0.240
0.300
0.0106
0.0094
0.0118
D
1.350
1.475
0.0531
0.0581
E
1.365
1.490
0.0537
0.0587
e
0.400
0.0157
e1
0.800
0.0315
F
0.282
0.0111
G
0.275
0.0108
N (total number of
terminals)
88
aaa
0.110
0.0043
eee
0.060
0.0024
1C_ME
Wafer back side
Side view
Bump side
Detail A
Rotated 90˚
Seating plane
(see note 1)
b
Orientation
reference
D
E
Orientation
reference
Detail A
e1
e
G
e
F
e1
32
1
C
B
A
A2
A
Bump
eee Z
A1
Z
aaa
(×4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com