전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-RMN6TP/S 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 M95080-RMN6TP/S
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6TP/S 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button M95080-RMN6TP/S Datasheet HTML 42Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 43Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 44Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 45Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 46Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 47Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 48Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 49Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Part numbering
M95160-x, M95080-x
46/50
Doc ID 8028 Rev 10
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 33.
Available M95160 products (package, voltage range, temperature grade)
Package
M95160
4.5 V to 5.5 V
M95160-W
2.5 V to 5.5 V
M95160-R
1.8 V to 5.5 V
M95160-F
1.7 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
Range 6
NA(1)
TSSOP (DW)
NA(1)
1.
NA = Not available
Range 6
Range3
Range 6
Range 6
MLP 2 x 3 mm (MB)
NA(1)
NA(1)
Range 6
NA(1)
WLCSP (CS)
NA(1)
NA(1)
Range 6
Range 6
Table 34.
Available M95080 products (package, voltage range, temperature grade)
Package
M95080
4.5 V to 5.5 V
M95080-W
2.5 V to 5.5 V
M95080-R
1.8 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
Range 6
TSSOP (DW)
NA(1)
1.
NA = Not available
Range 6
Range3
Range 6
MLP 2 x 3mm (MB)
NA(1)
Range 6
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com