| 전자부품 데이터시트 검색엔진 |
|
M95080-DW3P/S 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DW3P/S 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 50 page ![]() M95160-x, M95080-x Signal description Doc ID 8028 Rev 10 9/50 2.6 Write Protect (W) The main purpose of this input signal is to freeze the size of the area of memory that is protected against Write instructions (as specified by the values in the BP1 and BP0 bits of the Status Register). This pin must be driven either high or low, and must be stable during all write instructions. 2.7 VCC supply voltage VCC is the supply voltage. 2.8 VSS ground VSS is the reference for the VCC supply voltage. |