| 전자부품 데이터시트 검색엔진 |
|
PSD813F2 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 128 page ![]() PSD8XXFX I/O ports Doc ID 7833 Rev 7 69/128 16.3 MCU I/O mode In the MCU I/O mode, the MCU uses the I/O ports block to expand its own I/O ports. By setting up the CSIOP space, the ports on the PSD are mapped into the MCU address space. The addresses of the ports are listed in Table 8. A port pin can be put into MCU I/O mode by writing a 0 to the corresponding bit in the Control register. The MCU I/O direction may be changed by writing to the corresponding bit in the Direction register, or by the output enable product term (see Section 16.8: Peripheral I/O mode). When the pin is configured as an output, the content of the Data Out register drives the pin. When configured as an input, the MCU can read the port input through the Data In buffer (see Figure 25). Ports C and D do not have Control registers, and are in MCU I/O mode by default. They can be used for PLD I/O if equations are written for them in PSDabel. 16.4 PLD I/O mode The PLD I/O mode uses a port as an input to the CPLD’s input macrocells (IMC), and/or as an output from the CPLD’s Output macrocells (OMC). The output can be tri-stated with a control signal. This output enable control signal can be defined by a product term from the PLD, or by resetting the corresponding bit in the Direction register to ’0.’ The corresponding bit in the Direction register must not be set to '1' if the pin is defined for a PLD input signal in PSDabel. The PLD I/O mode is specified in PSDabel by declaring the port pins, and then writing an equation assigning the PLD I/O to a port. 16.5 Address Out mode For MCUs with a multiplexed address/data bus, Address Out mode can be used to drive latched addresses on to the port pins. These port pins can, in turn, drive external devices. Either the output enable or the corresponding bits of both the Direction register and Control register must be set to a 1 for pins to use Address Out mode. This must be done by the MCU at run-time. See Table 22 for the address output pin assignments on ports A and B for various MCUs. For non-multiplexed 8-bit bus mode, address signals (A7-A0) are available to port B in Address Out mode. Note: Do not drive address signals with Address Out mode to an external memory device if it is intended for the MCU to Boot from the external device. The MCU must first Boot from PSD memory so the Direction and Control register bits can be set. Table 20. Port operating modes Port mode Port A Port B Port C Port D MCU I/O Yes Yes Yes Yes PLD I/O McellAB outputs McellBC outputs Additional Ext. CS outputs PLD inputs Yes No No Yes Yes Yes No Yes No Yes No Yes No No Yes Yes |