전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV2238 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 STV2238
상세설명  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2238 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button STV2238 Datasheet HTML 72Page - STMicroelectronics STV2238 Datasheet HTML 73Page - STMicroelectronics STV2238 Datasheet HTML 74Page - STMicroelectronics STV2238 Datasheet HTML 75Page - STMicroelectronics STV2238 Datasheet HTML 76Page - STMicroelectronics STV2238 Datasheet HTML 77Page - STMicroelectronics STV2238 Datasheet HTML 78Page - STMicroelectronics STV2238 Datasheet HTML 79Page - STMicroelectronics STV2238 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
76/86
Figure 53. Second CVBS Video Switch Output
Figure 54. Beam Current Limiter Control Voltage and Safety Input
VCC1 (8 V)
GND1
GND1
GND1
GND1
GND1
GND1
CVBSOUT2
Pin 44 (SDIP56)
VCC1 (8 V)
GND1
GND1
GND1
GND1
GND1
GND1GND1
BCL/SAF
Pin 46 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86