전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV223XH 데이터시트(PDF) 75 Page - STMicroelectronics

부품명 STV223XH
상세설명  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XH 데이터시트(HTML) 75 Page - STMicroelectronics

Back Button STV223XH Datasheet HTML 71Page - STMicroelectronics STV223XH Datasheet HTML 72Page - STMicroelectronics STV223XH Datasheet HTML 73Page - STMicroelectronics STV223XH Datasheet HTML 74Page - STMicroelectronics STV223XH Datasheet HTML 75Page - STMicroelectronics STV223XH Datasheet HTML 76Page - STMicroelectronics STV223XH Datasheet HTML 77Page - STMicroelectronics STV223XH Datasheet HTML 78Page - STMicroelectronics STV223XH Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
75/86
Figure 51. XTAL1 Control Pin, Vert. Amplitude DAC Output and Chroma Reference Signal Output
Figure 52. NTBC or Main CVBS Video Switch Output
VCC1 (8 V)
GND1
GND1
GND1
GND1 GND1
GND1
X1/VAMP¨/CHROUT
Pin 42 (SDIP56)
VCC1 (8 V)
GND1 GND1
GND1
NTBC/CVBSOUT1
Pin 29 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86