전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STL1360 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 2STL1360
상세설명  Low voltage fast-switching NPN power transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL1360 데이터시트(HTML) 2 Page - STMicroelectronics

  2STL1360_09 Datasheet HTML 1Page - STMicroelectronics 2STL1360_09 Datasheet HTML 2Page - STMicroelectronics 2STL1360_09 Datasheet HTML 3Page - STMicroelectronics 2STL1360_09 Datasheet HTML 4Page - STMicroelectronics 2STL1360_09 Datasheet HTML 5Page - STMicroelectronics 2STL1360_09 Datasheet HTML 6Page - STMicroelectronics 2STL1360_09 Datasheet HTML 7Page - STMicroelectronics 2STL1360_09 Datasheet HTML 8Page - STMicroelectronics 2STL1360_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical ratings
2STL1360, 2STX1360
2/10
Doc ID 11763 Rev 3
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
2STX1360
2STL1360
VCBO
Collector-base voltage (IE = 0)
80
V
VCEO
Collector-emitter voltage (IB = 0)
60
V
VEBO
Emitter-base voltage (IC = 0)
6
V
IC
Collector current
3
A
ICM
Collector peak current (tP < 5 ms)
5
A
IB
Base current
0.2
A
IBM
Base peak current (tP < 5 ms)
0.4
A
PTOT
Total dissipation at Tamb = 25 °C
1
1.2
W
TSTG
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-92
TO-92L
RthJA
Thermal resistance junction-ambient
__max
125
104
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10