전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S5000XAL 데이터시트(PDF) 3 Page - Intel Corporation

부품명 S5000XAL
상세설명  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL 데이터시트(HTML) 3 Page - Intel Corporation

  S5000XAL Datasheet HTML 1Page - Intel Corporation S5000XAL Datasheet HTML 2Page - Intel Corporation S5000XAL Datasheet HTML 3Page - Intel Corporation S5000XAL Datasheet HTML 4Page - Intel Corporation S5000XAL Datasheet HTML 5Page - Intel Corporation S5000XAL Datasheet HTML 6Page - Intel Corporation S5000XAL Datasheet HTML 7Page - Intel Corporation S5000XAL Datasheet HTML 8Page - Intel Corporation S5000XAL Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
Disclaimers
Intel® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
iv
Disclaimers
Information in this document is provided in connection with Intel
® products. No license, express or implied,
by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as
provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever,
and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including
liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any
patent, copyright or other intellectual property right. Intel products are not intended for use in medical, life
saving, or life sustaining applications. Intel may make changes to specifications and product descriptions
at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked
"reserved" or "undefined." Intel reserves these for future definition and shall have no responsibility
whatsoever for conflicts or incompatibilities arising from future changes to them.
The Intel® Server Board S5000PAL and the Intel
® Server Board S5000XAL may contain design defects
or errors known as errata which may cause the product to deviate from published specifications. Current
characterized errata are available on request.
Intel Corporation server baseboards support peripheral components and contain a number of high-
density VLSI and power delivery components that need adequate airflow to cool. Intel’s own chassis are
designed and tested to meet the intended thermal requirements of these components when the fully
integrated system is used together. It is the responsibility of the system integrator that chooses not to use
Intel developed server building blocks to consult vendor datasheets and operating parameters to
determine the amount of air flow required for their specific application and environmental conditions. Intel
Corporation can not be held responsible if components fail or the server board does not operate correctly
when used outside any of their published operating or non-operating limits.
Intel, Pentium, Itanium, and Xeon are trademarks or registered trademarks of Intel Corporation.
*Other brands and names may be claimed as the property of others.
Copyright © Intel Corporation 2008.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More