전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F276Z5 데이터시트(PDF) 234 Page - STMicroelectronics

부품명 ST10F276Z5
상세설명  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 데이터시트(HTML) 234 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 230Page - STMicroelectronics ST10F276Z5 Datasheet HTML 231Page - STMicroelectronics ST10F276Z5 Datasheet HTML 232Page - STMicroelectronics ST10F276Z5 Datasheet HTML 233Page - STMicroelectronics ST10F276Z5 Datasheet HTML 234Page - STMicroelectronics ST10F276Z5 Datasheet HTML 235Page - STMicroelectronics ST10F276Z5 Datasheet HTML 236Page - STMicroelectronics ST10F276Z5 Datasheet HTML 237Page - STMicroelectronics ST10F276Z5 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 239 page
background image
Known limitations
ST10F276Z5
234/239
Workarounds
The following workarounds make the CAPCOM output toggle as expected:
1) Invert the TxREL and Tx configuration as follow:
MOV Tx, #CCy value
MOV TxREL, #CCy value
bfldl/bfldh TxxCON , #mask, #data or MOV TxxCON, #data
2) Insert a NOP instruction before the T01CON or T78CON configuration:
MOV Tx, #value
MOV TxREL, #value
NOP
bfldl/bfldh TxxCON , #mask, #data or MOV TxxCON, #data
3) Load the Tx timer with the CCy register minus 1:
MOV TxREL, #value
MOV Tx, #( value-1)
bfldl/bfldh TxxCON , #mask, #data or MOV TxxCON, #data
24.2
Electrical limitations
The PLL lock-time, TLOCK, for x10 multiplication factor is 300 µs instead of 250 µs (see
Table 99).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More