전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F272Z2T3 데이터시트(PDF) 175 Page - STMicroelectronics

부품명 ST10F272Z2T3
상세설명  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 데이터시트(HTML) 175 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 171Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 172Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 173Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 174Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 175Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 176Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 177Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 178Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 189 page
background image
ST10F272Z2
Electrical characteristics
175/189
Figure 58.
External memory cycle: Demultiplexed bus, with/without r/w delay, extended ALE
t5
Read cycle
Write cycle
CLKOUT
ALE
CSx
RD
WR
WRL
WRH
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE
t26
t16
t17
t39
t41
t28
t38
t6
t6
t17
t28
Address
t18
Data in
t20
t14
t80
t81
t15
t21
t13
t12
Data out
t80
t81
t22
t24
t12
t13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More