전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T82SM6F 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 M41T82SM6F
상세설명  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6F 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button M41T82SM6F Datasheet HTML 53Page - STMicroelectronics M41T82SM6F Datasheet HTML 54Page - STMicroelectronics M41T82SM6F Datasheet HTML 55Page - STMicroelectronics M41T82SM6F Datasheet HTML 56Page - STMicroelectronics M41T82SM6F Datasheet HTML 57Page - STMicroelectronics M41T82SM6F Datasheet HTML 58Page - STMicroelectronics M41T82SM6F Datasheet HTML 59Page - STMicroelectronics M41T82SM6F Datasheet HTML 60Page - STMicroelectronics M41T82SM6F Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
M41T82-M41T83
Package mechanical data
Doc ID 12578 Rev 12
57/61
Figure 33.
Carrier tape for QFN16, SOX18, and SO8 packages
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 30.
Carrier tape dimensions for QFN16, SOX18, and SO8 packages
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty
QFN16
12.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
4.30
±0.10
4.30
±0.10
1.10
±0.10
8.00
±0.10
0.30
±0.05
mm 1000
SOX18
24.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
11.50
±0.10
12.70
±0.10
11.90
±0.10
3.20
±0.10
16.00
±0.10
0.30
±0.05
mm 1000
SO8
12.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
6.50
±0.10
5.30
±0.10
2.20
±0.10
8.00
±0.10
0.30
±0.05
mm 2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61